Part Number Hot Search : 
TC115 8T131 RUS1H21R T6336 VG261816 65PQ015 1N4765A 1N6857
Product Description
Full Text Search
 

To Download AS164-80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS164-80 Features
I Positive Voltage Control I High Isolation (50 dB @ 1.9 GHz) I Low DC Power Consumption I Base Station Synthesizer Switch
SSOP-16
0.025 (0.635 mm) TYP. PIN 16 0.244 (6.20 mm) 0.228 (5.80 mm) PIN 1 0.158 (4.00 mm) 0.150 (3.80 mm) 0.197 (5.00 mm) 0.189 (4.80 mm)
Description
The AS164-80 is a GaAs FET IC SPDT switch packaged in an SSOP-16 plastic package for low cost commercial applications. Ideal building block for base station dual band applications where synthesizer isolation is critical. Use in conjunction with the AS165-59 SPST switch to meet GSM synthesizer isolation requirements.
0.068 (1.73 mm) MAX.
0.0196 X 45 CHAMFER R 0.008 MIN. R 0.013/0.008 0.0098 (0.0075 mm)
5 -15 0.010 (0.25 mm) TYP. 0.010 (0.25 mm) 0.004 (0.10 mm) 8 MAX.
Electrical Specifications at 25C (0, +5 V)
Parameter1 Insertion Loss3 Frequency2 DC-1.0 GHz 1.0-2.0 GHz 2.0-2.5 GHz DC-2.0 GHz 2.0-2.5 GHz DC-2.0 GHz DC-2.5 GHz 44 32 Min. Typ. 0.6 0.8 1.0 50 42 1.3:1 1.5:1 1.5:1 1.8:1 Max. 0.8 1.0 1.2 Unit dB dB dB dB dB
Isolation VSWR4
Operating Characteristics at 25C (0, +5 V)
Parameter Switching Characteristics5 Condition Rise, Fall (10/90% or 90/10% RF) On, Off (50% CTL to 90/10% RF) Video Feedthru Two-tone Input Power +10 dBm 0.5-2.5 GHz VLow = 0 to 0.2 V @ 20 A Max. VHigh = +3 V @ 100 A Max. to +5 V @ 200 A Max. VS = VHigh 0.2 V Frequency Min. Typ. 60 100 50 +41 Max. Unit ns ns mV dBm
Intermodulation Intercept Point (IP3) Control Voltages
1. All measurements made in a 50 system, unless otherwise specified. 2. DC = 300 kHz. 3. Insertion loss changes by 0.003 dB/C. 4. Insertion loss state. 5. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 10/00A
1
GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS164-80
Typical Performance Data (0, +5 V)
0 -20 -25 J1-J3 -30 -35 -40 -45 -50 -55 -60 -65 -1.50 0 0.5 1.0 1.5 2.0 2.5 3.0 -70 0 0.5 1.0 1.5 2.0 2.5 3.0 J1-J2 J1-J3
Insertion Loss (dB)
-0.25
-0.75 -1.00 -1.25
J1-J2
Frequency (GHz)
Isolation (dB)
-0.50
Frequency (GHz)
Insertion Loss vs. Frequency
2.0
Isolation vs. Frequency
Absolute Maximum Ratings
1.8 Characteristic RF Input Power J1-J2 J1-J3 Supply Voltage Control Voltage Operating Temperature Storage Temperature 1.0 0 0.5 1.0 1.5 2.0 2.5 3.0 JC Value 2 W Max. > 500 MHz 0/+8 V Control +8 V -0.2 V, +8 V -40C to +85C -65C to +150C 25C/W
VSWR (dB)
1.6 1.4 1.2
Frequency (GHz)
VSWR vs. Frequency
Pin Out
CBL GND VS GND GND GND GND GND J2 GND V1 GND V2 GND GND C BL
16 1 2 15 14 13 12
Truth Table
V1 VHigh 0 V2 0 VHigh J1-J2 Isolation Insertion Loss J1-J3 Insertion Loss Isolation
J1 CBL
3 4 5 6 7 8
11 10 9
J3
VHigh = +3 to +5 V (VS = VHigh 0.2 V).
DC blocking capacitors (CBL) must be supplied externally. CBL = 47 pF for operation >500 MHz.
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 10/00A


▲Up To Search▲   

 
Price & Availability of AS164-80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X